| データシートサーチシステム |
|
ACL5000T2 データシート(PDF) 3 Page - Advanced Semiconductor Business Inc. |
|
|
|||||||||||||||||||||||||||||
ACL5000T2 データシート(HTML) 3 Page - Advanced Semiconductor Business Inc. |
|
3 / 3 page ![]() 3/3 www.asb.co.kr August 2017 plerowTM ACL5000T2 Internally Matched LNA Module 1) The tantal or MLC (Multi Layer Ceramic) capacitor is optional and for bypassing the AC noise introduced from the DC supply. The capacitance value may be determined by customer’s DC supply status. The ca- pacitor should be placed as close as possible to Vs pin and be connected directly to the ground plane for the best electrical performance. 2) DC blocking capacitors are always necessarily placed at the input and output port for allowing only the RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are includ- ed inside the ALN module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just in case that the customer wants. The value of C1 & C2 is determined by considering the application fre- quency. Copyright 2009-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB assumes no re- sponsibility for any errors which may appear in this datasheet. No part of the datasheet may be copied or reproduced in any form or by any means without the prior written consent of ASB. Application Circuit Recommended Soldering Reflow Process 20~40 sec 260 C 200 C 150 C 60~180 sec Ramp-up (3˚C/sec) Ramp-down (6 C/sec) + - ACL OUT IN C1 C2 VS Tantal or MLC (Multi Layer Ceramic) Capacitor IN OUT Vs Size 25x25mm (for ACL-T Series – 10x10mm) Evaluation Board Layout |