データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7771 データシート(PDF) 89 Page - Analog Devices

部品番号 AD7771
部品情報  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7771 データシート(HTML) 89 Page - Analog Devices

Back Button AD7771 Datasheet HTML 85Page - Analog Devices AD7771 Datasheet HTML 86Page - Analog Devices AD7771 Datasheet HTML 87Page - Analog Devices AD7771 Datasheet HTML 88Page - Analog Devices AD7771 Datasheet HTML 89Page - Analog Devices AD7771 Datasheet HTML 90Page - Analog Devices AD7771 Datasheet HTML 91Page - Analog Devices AD7771 Datasheet HTML 92Page - Analog Devices AD7771 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 88 of 98
CHANNEL 3 STATUS REGISTER
Address: 0x04F, Reset: 0x00, Name: CH3_ERR_REG
Channel 3 - Reference detect error
AIN3- undervoltage error
AIN3+ overvoltage error
AIN3- overvoltage error
AIN3+ undervoltage error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] CH3_ERR_REF_DET (R)
[4] CH3_ERR_AINM_UV (R)
[1] CH3_ERR_AINP_OV (R)
[3] CH3_ERR_AINM_OV (R)
[2] CH3_ERR_AINP_UV (R)
Table 122. Bit Descriptions for CH3_ERR_REG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R/W
4
CH3_ERR_AINM_UV
Channel 3—AIN3− Undervoltage Error
0x0
R
3
CH3_ERR_AINM_OV
Channel 3—AIN3− Overvoltage Error
0x0
R
2
CH3_ERR_AINP_UV
Channel 3—AIN3+ Undervoltage Error
0x0
R
1
CH3_ERR_AINP_OV
Channel 3—AIN3+ Overvoltage Error
0x0
R
0
CH3_ERR_REF_DET
Channel 3—Reference Detect Error
0x0
R
CHANNEL 4 STATUS REGISTER
Address: 0x050, Reset: 0x00, Name: CH4_ERR_REG
Channel 4 - Reference detect error
AIN4- undervoltage error
AIN4+ overvoltage error
AIN4- overvoltage error
AIN4+ undervoltage error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] CH4_ERR_REF_DET (R)
[4] CH4_ERR_AINM_UV (R)
[1] CH4_ERR_AINP_OV (R)
[3] CH4_ERR_AINM_OV (R)
[2] CH4_ERR_AINP_UV (R)
Table 123. Bit Descriptions for CH4_ERR_REG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R/W
4
CH4_ERR_AINM_UV
Channel 4—AIN4− Undervoltage Error
0x0
R
3
CH4_ERR_AINM_OV
Channel 4—AIN4− Overvoltage Error
0x0
R
2
CH4_ERR_AINP_UV
Channel 4—AIN4+ Undervoltage Error
0x0
R
1
CH4_ERR_AINP_OV
Channel 4—AIN4+ Overvoltage Error
0x0
R
0
CH4_ERR_REF_DET
Channel 4—Reference Detect Error
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99