データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AESD05FB データシート(PDF) 1 Page - StarHope

部品番号 AESD05FB
部品情報  Electro-Static Discharge for Aotomobile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPSEMI [StarHope]
ホームページ  http://www.spsemi.cn
Logo SPSEMI - StarHope

AESD05FB データシート(HTML) 1 Page - StarHope

  AESD05FB Datasheet HTML 1Page - StarHope AESD05FB Datasheet HTML 2Page - StarHope AESD05FB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 1 of 3
Electro-Static Discharge for Aotomobile
AESD05FB
Bidirectional TVS Diode
Features
320 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects one I/O or power line
Low clamping voltage
Working voltages: 5V
Low leakage current
ESD/AESD05FB
IEC Compatibility
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
Mechanical Characteristics
JEDEC SOD-323 Package
Molding Compound Flammability Rating:UL 94V-O
Weight 0.5 Millgrams(Approximate)
Quantity Per Reel:3000pcs
Reel Size:7 inch
Lead Finish:Lead Free
Applications
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants(PDA's)
Notebooks,Desktops,and Servers
Portable Instrumentation
Peripherals
Pagers
SOD-323
Pin Configuration
AEC-Q101
REV 2017 07 24


同様の部品番号 - AESD05FB

メーカー部品番号データシート部品情報
logo
StarHope
AESD05CB SPSEMI-AESD05CB Datasheet
51Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05EB SPSEMI-AESD05EB Datasheet
52Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05G2B SPSEMI-AESD05G2B Datasheet
64Kb / 3P
Electro-Static Discharge for Aotomobile
More results

同様の説明 - AESD05FB

メーカー部品番号データシート部品情報
logo
StarHope
AESD03FB SPSEMI-AESD03FB Datasheet
61Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05CB SPSEMI-AESD05CB Datasheet
51Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05EB SPSEMI-AESD05EB Datasheet
52Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05G2B SPSEMI-AESD05G2B Datasheet
64Kb / 3P
Electro-Static Discharge for Aotomobile
ALSD05BT SPSEMI-ALSD05BT Datasheet
58Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD03FB SPSEMI-AUSD03FB Datasheet
125Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD05BT SPSEMI-AUSD05BT Datasheet
112Kb / 4P
Electro-Static Discharge for Aotomobile
AUSD05FB SPSEMI-AUSD05FB Datasheet
126Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD12CB SPSEMI-AUSD12CB Datasheet
163Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD12FB SPSEMI-AUSD12FB Datasheet
125Kb / 3P
Electro-Static Discharge for Aotomobile
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com