データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D3K3005 データシート(PDF) 3 Page - Chip Integration Technology Corporation

部品番号 D3K3005
部品情報  3A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CITC [Chip Integration Technology Corporation]
ホームページ  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

D3K3005 データシート(HTML) 3 Page - Chip Integration Technology Corporation

  D3K3005 Datasheet HTML 1Page - Chip Integration Technology Corporation D3K3005 Datasheet HTML 2Page - Chip Integration Technology Corporation D3K3005 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■ Ordering/Packing information
Part number
Case
D3K3005
Q'TY/Reel (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
D3K
10,000
20,000
160,000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
D3K3005G
■ Marking Information
Marking Code
Part number
D3K3005
Halogen
Halogen free
Halogen
Halogen free
D3K3005 THRU D3K310
3A Miniature Glass Passivated Single-Phase Bridge Rectifiers
D3UB05
D3K301
D3UB10
D3K302
D3UB20
D3K304
D3UB40
D3K306
D3UB60
D3K308
D3UB80
D3K3010
D3UB100
D3K3005G
D3UB05H
D3K301G
D3UB10H
D3K302G
D3UB20H
D3K304G
D3UB40H
D3K306G
D3UB60H
D3K308G
D3UB80H
D3K3010G
D3UB100H
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
+
~
~
-
Marking Code
: CITC Logo
Document ID : DS-21B12
Revised Date : 2016/08/24
Revision : C1



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com