| データシートサーチシステム |
|
SN74LVC1G79DBVT データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G79DBVT データシート(HTML) 3 Page - Texas Instruments |
|
3 / 14 page ![]() www.ti.com Recommended Operating Conditions (1) SN74LVC1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP SCES220R – APRIL 1999 – REVISED JANUARY 2007 MIN MAX UNIT Operating 1.65 5.5 VCC Supply voltage V Data retention only 1.5 VCC = 1.65 V to 1.95 V 0.65 × V CC VCC = 2.3 V to 2.7 V 1.7 VIH High-level input voltage V VCC = 3 V to 3.6 V 2 VCC = 4.5 V to 5.5 V 0.7 × V CC VCC = 1.65 V to 1.95 V 0.35 × V CC VCC = 2.3 V to 2.7 V 0.7 VIL Low-level input voltage V VCC = 3 V to 3.6 V 0.8 VCC = 4.5 V to 5.5 V 0.3 × V CC VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 1.65 V –4 VCC = 2.3 V –8 IOH High-level output current –16 mA VCC = 3 V –24 VCC = 4.5 V –32 VCC = 1.65 V 4 VCC = 2.3 V 8 IOL Low-level output current 16 mA VCC = 3 V 24 VCC = 4.5 V 32 VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V 20 ∆t/∆v Input transition rise or fall rate VCC = 3.3 V ± 0.3 V 10 ns/V VCC = 5 V ± 0.5 V 10 TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 Submit Documentation Feedback |