データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST26C32ABTR データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST26C32ABTR
部品情報  CMOS quad tri-state differential line receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C32ABTR データシート(HTML) 13 Page - STMicroelectronics

Back Button ST26C32ABTR Datasheet HTML 7Page - STMicroelectronics ST26C32ABTR Datasheet HTML 8Page - STMicroelectronics ST26C32ABTR Datasheet HTML 9Page - STMicroelectronics ST26C32ABTR Datasheet HTML 10Page - STMicroelectronics ST26C32ABTR Datasheet HTML 11Page - STMicroelectronics ST26C32ABTR Datasheet HTML 12Page - STMicroelectronics ST26C32ABTR Datasheet HTML 13Page - STMicroelectronics ST26C32ABTR Datasheet HTML 14Page - STMicroelectronics ST26C32ABTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ST26C32A
Package mechanical data
13/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15