データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VN750PT データシート(PDF) 24 Page - STMicroelectronics

部品番号 VN750PT
部品情報  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PT データシート(HTML) 24 Page - STMicroelectronics

Back Button VN750PT Datasheet HTML 20Page - STMicroelectronics VN750PT Datasheet HTML 21Page - STMicroelectronics VN750PT Datasheet HTML 22Page - STMicroelectronics VN750PT Datasheet HTML 23Page - STMicroelectronics VN750PT Datasheet HTML 24Page - STMicroelectronics VN750PT Datasheet HTML 25Page - STMicroelectronics VN750PT Datasheet HTML 26Page - STMicroelectronics VN750PT Datasheet HTML 27Page - STMicroelectronics VN750PT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24/29
VN750 / VN750S / VN750PT / VN750-B5
DIM.
MIN.
TYP
MAX.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.40
0.60
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D1
5.1
D
6.00
6.20
E
6.40
6.60
E1
4.7
e1.27
G
4.90
5.25
G1
2.38
2.70
H
9.35
10.10
L2
0.8
1.00
L4
0.60
1.00
R0.2
V2
0º
8º
Package Weight
Gr. 0.3
PPAK MECHANICAL DATA
P032T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29