| データシートサーチシステム |
|
XRT4500 データシート(PDF) 91 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500 データシート(HTML) 91 Page - Exar Corporation |
|
91 / 99 page ![]() XRT4500 áç áç áç áç MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 88 SCENARIO 17 & 18 COMMENTS: X:21 MODE OPERATION INPUT PIN SETTINGS (1 CLOCK MODE) NOTE: When M0=1, M2=1, M2=0 the XRT4500 is in the 1 clock (X.21) mode and the 2CK/3CK input pin is ignored. DTE (#17) DCE (#18) PIN # NAME STATE DESCRIPTION PIN # NAME STATE DESCRIPTION 31 DCE/DTE 0 DTE 31 DCE/DTE 1 DCE 34 EC 1 No Echo 34 EC 1 No Echo 50 2CK/3CK X Don’t care 50 2CK/3CK XDon’t care 18 LP 1 No Loopback 18 LP 1 No Loopback 54 CKINV 1 No Invert 54 CKINV 1No Invert 55 DTINV 1 No Invert 55 DTINV 1No Invert 53 OSCEN 1 No Internal OSC 53 OSCEN 1 No Internal OSC HDLC (R) HDLC (L) XRT4500 XRT4500 RX1 TX1 RX2 TX2 RX3 TX3 RX2 TX2 RX1 TX1 TXD SCTE TXC RXC RXD TXD SCTE TXC RXC RXD 60 67 73 74 1 78 79 72 76 70 71 64 65 64 62 1 74 68 67 60 63 62 64 65 70 71 77 76 78 79 TXD RXC RXD DTE (#17) DCE (#18) |