| データシートサーチシステム |
|
AD9628 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9628 データシート(HTML) 11 Page - Analog Devices |
|
11 / 43 page ![]() AD9628 Data Sheet Rev. C | Page 10 of 42 tPD tSKEW tCH tDCO tCLK CH A N – 16 CH B N – 16 CH A N – 15 CH B N – 15 CH A N – 14 CH B N – 14 CH A N – 13 CH B N – 13 CH A N – 12 N – 1 N + 1 N + 2 N + 3 N + 5 N + 4 N VIN CLK+ CLK– CH A DATA DCOA/DCOB tA CH B DATA CH B N – 16 CH A N – 16 CH B N – 15 CH A N – 15 CH B N – 14 CH A N – 14 CH B N – 13 CH A N – 13 CH B N – 12 Figure 3. CMOS Interleaved Output Mode Data Output Timing tPD tSKEW tCH tDCO tCLK CH A N – 16 CH B N – 16 CH A N – 15 CH B N – 15 CH A N – 14 CH B N – 14 CH A N – 13 CH B N – 13 CH A N – 12 N – 1 N + 1 N + 2 N + 3 N + 5 N + 4 N VIN CLK+ CLK– DCO– DCO+ D0+ (LSB) PARALLEL INTERLEAVED MODE D0– (LSB) D11+ (MSB) D11– (MSB) tA CH A N – 16 CH B N – 16 CH A N – 15 CH B N – 15 CH A N – 14 CH B N – 14 CH A N – 13 CH B N – 13 CH A N – 12 CH A0 N – 16 CH A1 N – 16 CH A0 N – 15 CH A1 N – 15 CH A0 N – 14 CH A1 N – 14 CH A0 N – 13 CH A1 N – 13 CH A0 N – 12 D1+/D0+ (LSB) CHANNEL MULTIPLEXED MODE CHANNEL A D1–/D0– (LSB) D11+/D10+ (MSB) D11–/D10– (MSB) CH A10 N – 16 CH A11 N – 16 CH A10 N – 15 CH A11 N – 15 CH A10 N – 14 CH A11 N – 14 CH A10 N – 13 CH A11 N – 13 CH A10 N – 12 CH B0 N – 16 CH B1 N – 16 CH B0 N – 15 CH B1 N – 15 CH B0 N – 14 CH B1 N – 14 CH B0 N – 13 CH B1 N – 13 CH B0 N – 12 D1+/D0+ (LSB) CHANNEL MULTIPLEXED MODE CHANNEL B D1–/D0– (LSB) D11+/D10+ (MSB) D11–/D10– (MSB) CH B10 N – 16 CH B11 N – 16 CH B10 N – 15 CH B11 N – 15 CH B10 N – 14 CH B11 N – 14 CH B10 N – 13 CH B11 N – 13 CH B10 N – 12 Figure 4. LVDS Modes for Data Output Timing |