| データシートサーチシステム |
|
80960JF データシート(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960JF データシート(HTML) 13 Page - Intel Corporation |
|
13 / 78 page ![]() Advance Information Datasheet 13 80960JA/JF/JD/JT 3.3 V Microprocessor Table 1. 80960Jx Instruction Set Data Movement Arithmetic Logical Bit, Bit Field and Byte Load Store Move *Conditional Select Load Address Add Subtract Multiply Divide Remainder Modulo Shift Extended Shift Extended Multiply Extended Divide Add with Carry Subtract with Carry *Conditional Add *Conditional Subtract Rotate And Not And And Not Or Exclusive Or Not Or Or Not Nor Exclusive Nor Not Nand Set Bit Clear Bit Not Bit Alter Bit Scan For Bit Span Over Bit Extract Modify Scan Byte for Equal *Byte Swap Comparison Branch Call/Return Fault Compare Conditional Compare Compare and Increment Compare and Decrement Test Condition Code Check Bit Unconditional Branch Conditional Branch Compare and Branch Call Call Extended Call System Return Branch and Link Conditional Fault Synchronize Faults Debug Processor Management Atomic Modify Trace Controls Mark Force Mark Flush Local Registers Modify Arithmetic Controls Modify Process Controls *Halt System Control *Cache Control *Interrupt Control Atomic Add Atomic Modify Asterisk (*) denotes new 80960Jx instructions unavailable on 80960CA/CF, 80960KA/KB and 80960SA/SB implementations. |