| データシートサーチシステム |
|
AD6652 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6652 データシート(HTML) 11 Page - Analog Devices |
|
11 / 76 page ![]() AD6652 Rev. 0 | Page 11 of 76 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS Table 9. BGA Pin Configuration (Top View) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A DGND PA7_LA7 A2 PA6_LA6 D1 D3 CS RESET MODE SYNCD OTRA PDWN AVDD AVDD AGND AGND B Do Not Connect PA4_LA4 PACH0_ LACLK OUT A0 DGND R/W (WR) D4 D6 SYNCC SYNCA LIA DUTYEN AVDD AVDD AGND AGND C PA9 PA3_LA3 A1 DS (RD) D0 D2 D5 D7 DTACK (RDY) SYNCB LIA LIB AVDD AVDD AGND VIN+B D PA1_LA1 PA2_LA2 PACH1_ LACLKIN VDD VDD VDD VDD VDDIO VDDIO VDDIO VDDIO VDDIO AVDD AVDD AGND VIN−B E PA8 PA5_LA5 n.c. VDD VDD VDD VDD VDDIO VDDIO VDDIO VDDIO VDDIO AVDD AVDD AGND AGND F PA0_LA0 DGND PA10 DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND AGND AGND G PA12 PA11 PA13 DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND REFBB REFTB H PAREQ PA15 PA14 DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND AGND SENSE J CHIP_ID1 DGND DGND DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND AGND VREF K CHIP_ID3 PAACK CHIP_ID0 DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND REFBA REFTA L PB6_LB6 PB7_LB7 DGND DGND DGND DGND DGND DGND DGND DGND DGND VDDIO AVDD AGND AGND AGND M CHIP_ID2 PB3_LB3 PB4_LB4 VDDIO VDDIO VDDIO VDDIO VDD VDD VDD VDD VDDIO AVDD AVDD AGND AGND N PAIQ PBCH1_ LBCLK IN PB2_LB2 VDDIO VDDIO VDDIO VDDIO VDD VDD VDD VDD VDDIO AVDD AVDD AGND VIN−A P DGND PB0_LB0 PB8 PB10 PB14 VDDIO PBACK LIB n.c. n.c. OTRB n.c. AVDD AVDD AGND VIN+A R PBIQ PBCH0_L BCLKOUT PB1_ LB1 PB9 PB12 PB15 n.c. n.c. n.c. n.c. n.c. PDWN AVDD AVDD AGND AGND T DGND PCLK PB5_ LB5 PB11 PB13 PBREQ n.c. n.c. n.c. n.c. DCLK SHRDREF AVDD ACLK AGND AGND |