データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ALE2045T2 データシート(PDF) 4 Page - Advanced Semiconductor Business Inc.

部品番号 ALE2045T2
部品情報  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASB [Advanced Semiconductor Business Inc.]
ホームページ  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALE2045T2 データシート(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ALE2045T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
www.asb.co.kr
September 2017
plerowTM ALE2045T2
Internally Matched LNA Module
1)
The tantal or MLC (Multi Layer Ceramic) capacitor is optional and for bypassing the AC noise introduced
from the DC supply. The capacitance value may be determined by customer’s DC supply status. The ca-
pacitor should be placed as close as possible to Vs pin and be connected directly to the ground plane for
the best electrical performance.
2)
DC blocking capacitors are always necessarily placed at the input and output port for allowing only the
RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are includ-
ed inside the ALE module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just
in case that the customer wants. The value of C1 & C2 is determined by considering the application fre-
quency.
Copyright
2009-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB assumes no re-
sponsibility for any errors which may appear in this datasheet. No part of the datasheet may be copied or reproduced
in any form or by any means without the prior written consent of ASB.
Application Circuit
Recommended Soldering Reflow Process
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3˚C/sec)
Ramp-down
(6
C/sec)
+
-
ALE
OUT
IN
C1
C2
VS
Tantal or MLC (Multi Layer Ceramic)
Capacitor
IN
OUT
Vs
Size 25x25mm
(for ALE-T Series – 10x10mm)
Evaluation Board Layout



Html Pages

1 2 3 4