| データシートサーチシステム |
|
AD4U266638G19-R データシート(PDF) 3 Page - A-Data Technology |
|
|
|||||||||||||||||||||||||||||
AD4U266638G19-R データシート(HTML) 3 Page - A-Data Technology |
|
3 / 3 page ![]() Package Information Package Type IC Qty Bulk Weight (g) Qty per tray (pcs) Weight per tray (g) Qty per sub carton Weight per sub carton Carton Dimensions (L x W x H/mm) Cuft Qty per carton (pcs) Carton N.W. (g) Carton G.W. (g) Bulk 4 13 50 760 100 1,810 445 x 346 x 280 1.52 500 9,050 9,750 8 16.4 50 1,028 100 2,404 500 11,320 12,183 16 17.6 50 1,088 100 2,524 500 12,320 13,183 Package Type IC Qty Bulk Weight (g) Single tray weight (g) Single Tray Dimensions (L x W x H/mm) Carton Dimensions (L x W x H/mm) Cuft Qty per carton (pcs) Carton N.W. (g) Carton G.W. (g) Single Tray 4 13 25 170 x 55 x 9 545 x 255 x 278 1.37 300 7,500 8,254 8 16.4 28 300 8,100 8,854 16 17.6 30 300 8,700 9,454 Package Type IC Qty Bulk Weight (g) Retail weight (g) Retail Dimensions (L x W x H/mm) Carton Dimensions (L x W x H/mm) Cuft Qty per carton (pcs) Carton N.W. (g) Carton G.W. (g) Retail 4 13 45 133.5 x 165 x 19 606 x 345 x 150 1.11 100 4,500 5,554 8 16.4 48 100 4,840 5,894 16 17.6 50 100 4,960 6,014 Package Type IC Qty Bulk Weight (g) Retail weight (g) Retail Dimensions (L x W x H/mm) Carton Dimensions (L x W x H/mm) Cuft Qty per carton (pcs) Carton N.W. (g) Carton G.W. (g) Dual Retail 4 13 65 168 x 164 x 19 606 x 345 x 195 1.43 100 6,500 7,569 8 16.4 72 100 7,180 8,249 16 17.6 74 100 7,420 8,489 |