| データシートサーチシステム |
|
OV7261 データシート(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV7261 データシート(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() OV7261VGAproductbrief Ultra-Compact Global Shutter Sensor for Automotive Applications lead free available in a lead-free package OmniVision's OV7261 is a 3-micron global shutter image sensor for driver monitoring systems in automotive applications. The ultra-compact and power- efficient OV7261 features high quantum efficiency at near-infrared wavelengths, bringing significant LED illuminator power reduction for advanced features in semi-autonomous vehicles such as gesture control and driver drowsiness and distraction detection. Built on OmniVision's market-proven global shutter technology, the OV7261 enables accurate fast motion capture and stereo vision pixel-level synchronization for driver monitoring systems. The OV7261 captures 640 x 480 (VGA) resolution up to 100 frames per second (fps) and delivers 10-bit RAW image output. The OV7621 comes in an ultra-compact AEC-Q100 Grade 2-qualified 3.9 x 3.4 mm chip scale package. Find out more at www.ovt.com. |
同様の部品番号 - OV7261 |
|
同様の説明 - OV7261 |