データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78M09CP データシート(PDF) 15 Page - STMicroelectronics

部品番号 L78M09CP
部品情報  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CP データシート(HTML) 15 Page - STMicroelectronics

Back Button L78M09CP Datasheet HTML 11Page - STMicroelectronics L78M09CP Datasheet HTML 12Page - STMicroelectronics L78M09CP Datasheet HTML 13Page - STMicroelectronics L78M09CP Datasheet HTML 14Page - STMicroelectronics L78M09CP Datasheet HTML 15Page - STMicroelectronics L78M09CP Datasheet HTML 16Page - STMicroelectronics L78M09CP Datasheet HTML 17Page - STMicroelectronics L78M09CP Datasheet HTML 18Page - STMicroelectronics L78M09CP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
L78M00 SERIES
15/21
Figure 23 : Power AM Modulator (unity voltage gain, IO ≤ 0.5)
NOTE: The circuit performs well up to 100 KHz.
Figure 24 : Adjustable Output Voltage with Temperature Compensation
NOTE: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow risetime of the VO.
R2
VO =VXX (1+ ) +VBE
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21