| データシートサーチシステム |
|
UB225SKG035F-3JB データシート(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
UB225SKG035F-3JB データシート(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
9 / 12 page ![]() Series UB2 Low Profile Pushbuttons D100 D www.nkkswitches.com (15.24) Sq .600 (15.0) Sq .591 (4.0) .157 Latchdown Position (0.5) .020 (7.0) .276 (10.0) .394 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 (6.1) .240 (1.5) .059 2 N.C. N.O. COM L + L – 1 3 (5.08) .200 (5.08) .200 (1.0) Typ .039 (1.0) Typ .039 2 1 3 (5.08) Typ .200 N.C. N.O. COM L + L – (5.08) .200 N.O. COM N.C. (1.0) .039 5 4 6 TYPICAL SWITCH DIMENSIONS Bright & Super Bright LED Straight PC UB215SKG035C-1JC Bright Single Color LED Super Bright Single Color LED Single Pole Double Pole UB225SKG03CF-1JB Bicolor LED Side View Single Pole Double Pole (1.0) Typ .039 2 1 3 (5.08) Typ .200 N.C. N.O. COM L C L 1 (5.08) .200 L 2 N.O. COM N.C. (1.0) .039 (2.54) .100 5 4 6 (4.0) .157 Latchdown Position (6.1) .240 (0.5) .020 (7.0) .276 (10.0) .394 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 (1.0) .039 (1.5) .059 (15.24) Sq .600 (15.0) Sq .591 2 1 3 (5.08) .200 (1.0) .039 N.C. N.O. COM L C L 1 (5.08) .200 L 2 N.O. COM N.C. (1.0) .039 (2.54) .100 (4.0) .157 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 Bicolor LED Straight PC UB226KKW016F-1JF Single Color LED Side View Single Pole Double Pole UB216KKW01CF-1JB Bicolor LED Side View Single Pole Double Pole (19.0) Sq .748 (15.0) Sq .591 Latchdown Position (3.0) .118 (1.4) .055 (4.0) .157 (5.0) .197 (1.5) .059 (15.5) .610 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 (0.8) x (1.6) Typ .032 x .063 (1.0) .039 2 1 3 (5.08) .200 (2.0) .079 N.C. N.O. COM L C L 1 (5.08) .200 L 2 N.O. COM N.C. (1.0) .039 (2.54) .100 (19.0) Sq .748 (15.0) Sq .591 Latchdown Position (3.0) .118 (1.4) .055 (4.0) .157 (5.0) .197 (15.5) .610 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 (0.8) x (1.6) Typ .032 x .063 (1.5) .059 (1.0) Typ .039 2 1 3 (5.08) Typ .200 N.C. N.O. COM L + (5.08) .200 N.O. COM N.C. 5 4 6 L – (2.0) Typ .079 Super Bright LED Solder Lug UB216KKW015F-1JF Single Color LED Side View Single Pole Double Pole (19.0) Sq .748 (15.0) Sq .591 (5.08) .200 5 4 6 2 1 3 (5.08) .200 (2.0) Typ .079 N.C. N.O. COM L C L 1 L 2 N.O. COM N.C. (1.0) .039 (2.54) .100 Latchdown Position (3.0) .118 (1.4) .055 (5.0) .197 (15.5) .610 (0.5) Typ .020 (2.54) Typ .100 (5.08) Typ .200 (0.8) x (1.6) Typ .032 x .063 (1.5) .059 2 1 3 (5.08) .200 N.C. N.O. COM L + (5.08) .200 L – (2.0) Typ .079 2 1 3 (5.08) Typ .200 N.C. N.O. COM L + (5.08) .200 N.O. COM N.C. 5 4 6 L – (2.0) Typ .079 Bicolor LED Solder Lug (1.0) .039 2 1 3 (5.08) .200 N.C. N.O. COM L + (5.08) .200 L – (2.0) .079 Bright LED Solder Lug |