| データシートサーチシステム |
|
PCMP384L12 データシート(PDF) 23 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP384L12 データシート(HTML) 23 Page - World Produts Inc. |
|
23 / 26 page ![]() Pilkor components Metallized Polypropylene PCMP 384 film capacitors 207 MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY 10 2 10 3 10 1 AC Voltage (V) f(Hz) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=630V (Mini Type) 47nF 270nF 10 5 10 2 10 3 10 6 10 4 10 7 10 2 10 3 10 1 AC Voltage (V) f(Hz) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=250V 470nF 100nF 10 5 10 2 10 3 10 6 10 4 10 7 10 2 10 3 10 5 10 1 10 2 10 3 AC Voltage (V) f(Hz) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=400V 47nF 220nF 470nF 10 6 10 4 10 7 10 2 10 3 10 1 AC Voltage (V) f(Hz) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=630V (VRac=400V) 47nF 270nF 10 5 10 2 10 3 10 6 10 4 10 7 10 2 10 3 10 5 10 1 10 2 10 3 AC Voltage (V) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=800V 10 4 10 6 22nF 47nF f(Hz) 10 7 10 2 10 3 10 5 10 1 10 2 10 3 AC Voltage (V) f(Hz) AC voltage (RMS value) as a function of frequency at Tamb ≤85℃ for VRdc=1000V (Mini Type) 10 4 10 6 10 7 4.7nF 22nF |