データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1772BCPZ-R7 データシート(PDF) 107 Page - Analog Devices

部品番号 ADAU1772BCPZ-R7
部品情報  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 データシート(HTML) 107 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 108Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 106 of 116
ASRC INTERPOLATOR AND DAC MODULATOR POWER CONTROL REGISTER
Address: 0x0045, Reset: 0x00, Name: INTERP_PWR_MODES
Table 96. Bit Descriptions for INTERP_PWR_MODES
Bits
Bit Name
Settings
Description
Reset
Access
3
MOD_1_EN
DAC Modulator 1 enable.
0x0
RW
0
Powered down
1
Powered up
2
MOD_0_EN
DAC Modulator 0 enable.
0x0
RW
0
Powered down
1
Powered up
1
INT_1_EN
ASRC Interpolator 1 enable.
0x0
RW
0
Powered down
1
Powered up
0
INT_0_EN
ASRC Interpolator 0 enable.
0x0
RW
0
Powered down
1
Powered up
ANALOG BIAS CONTROL 0 REGISTER
Address: 0x0046, Reset: 0x00, Name: BIAS_CONTROL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More