| データシートサーチシステム |
|
ADAU1772BCPZ-R7 データシート(PDF) 110 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1772BCPZ-R7 データシート(HTML) 110 Page - Analog Devices |
|
110 / 117 page ![]() Data Sheet ADAU1772 Rev. C | Page 109 of 116 Bits Bit Name Settings Description Reset Access 3 BCLK_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 2 ADC_SDATA1_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 1 ADC_SDATA0_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 0 DAC_SDATA_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled DIGITAL PIN PULL-UP CONTROL 1 REGISTER Address: 0x0049, Reset: 0x1F, Name: PAD_CONTROL1 Controls the behavior of the pad. Possible to enable pull-up. Table 100. Bit Descriptions for PAD_CONTROL1 Bits Bit Name Settings Description Reset Access 4 SELFBOOT_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 3 SCL_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 2 SDA_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 1 ADDR1_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled 0 ADDR0_PU Pull-up disable. 0x1 RW 0 Pull-up enabled 1 Pull-up disabled |