データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADAU1772BCPZ-R7 データシート(PDF) 113 Page - Analog Devices

部品番号 ADAU1772BCPZ-R7
部品情報  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 データシート(HTML) 113 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 109Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 110Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 111Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 112Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 113Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 114Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 115Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 116Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 117Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 112 of 116
DIGITAL PIN DRIVE STRENGTH CONTROL 0 REGISTER
Address: 0x004C, Reset: 0x00, Name: PAD_CONTROL4
Table 103. Bit Descriptions for PAD_CONTROL4
Bits
Bit Name
Settings
Description
Reset
Access
4
LRCLK_DRV
Drive strength control.
0x0
RW
0
Low drive strength
1
High drive strength
3
BCLK_DRV
Drive strength control.
0x0
RW
0
Low drive strength
1
High drive strength
2
ADC_SDATA1_DRV
Drive strength control.
0x0
RW
0
Low drive strength
1
High drive strength
1
ADC_SDATA0_DRV
Drive strength control.
0x0
RW
0
Low drive strength
1
High drive strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More