| データシートサーチシステム |
|
PCMP489 データシート(PDF) 3 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP489 データシート(HTML) 3 Page - World Produts Inc. |
|
3 / 8 page ![]() Pilkor components Metallized Polypropylene PCMP 489 film capacitors 225 VRdc = 250 V CATALOGUE NUMBER PCMP 489…… Figure Y Figure J Pitch = 7.5mm lt= 4.5 ± 0.5 mm Pitch = 20.0mm lt= 4.5 ± 0.5 mm Cap. (㎌) Wmax x Hmax x Tmax (mm) Mass (g) C – tol. ± 5% C – tol. ± 5% Original Pitch = 10.0 ± 0.8 mm dt = 0.6 + 0.06 / -0.05 mm 0.091 13.0 x 11.0 x 6.0 PCMP 489D42913 - 0.10 13.0 x 11.0 x 6.0 PCMP 489D42104 - 0.11 13.0 x 11.5 x 6.5 PCMP 489D42114 - 0.12 13.0 x 11.5 x 6.5 PCMP 489D42124 - 0.13 13.0 x 12.0 x 7.0 PCMP 489D42134 - 0.15 13.0 x 12.5 x 7.5 PCMP 489D42154 - 0.16 13.0 x 12.5 x 7.5 PCMP 489D42164 - 0.18 13.0 x 13.0 x 8.0 PCMP 489D42184 - Original Pitch = 15.0 ± 0.8 mm dt = 0.8 + 0.08 / -0.05 mm 0.20 18.0 x 11.5 x 6.5 PCMP 489F42204 - 0.22 18.0 x 11.5 x 6.5 PCMP 489F42224 - 0.24 18.0 x 12.0 x 7.0 PCMP 489F42244 - 0.27 18.0 x 12.5 x 7.5 PCMP 489F42274 - 0.30 18.0 x 12.5 x 7.5 PCMP 489F42304 - 0.33 18.0 x 13.0 x 8.0 PCMP 489F42334 - 0.36 18.0 x 13.0 x 8.0 PCMP 489F42364 - 0.39 18.0 x 13.5 x 8.5 PCMP 489F42394 - 0.43 18.0 x 14.0 x 9.0 PCMP 489F42434 - 0.47 18.0 x 14.0 x 9.0 PCMP 489F42474 - 0.51 18.0 x 14.5 x 9.5 PCMP 489F42514 - 0.56 18.0 x 16.0 x 9.5 PCMP 489F42564 - 0.62 18.0 x 16.5 x 10.0 PCMP 489F42624 - 0.68 18.0 x 17.0 x 10.5 PCMP 489F42684 - 0.75 18.0 x 17.5 x 11.0 PCMP 489F42754 - 0.82 18.0 x 18.0 x 11.5 PCMP 489F42824 - 0.91 18.0 x 18.5 x 12.0 PCMP 489F42914 - 1.0 18.0 x 19.0 x 12.5 PCMP 489F42105 - Original Pitch = 22.5 ± 0.8 mm dt = 0.8 + 0.08 / -0.05 mm 0.39 26.0 x 13.5 x 7.0 - PCMP 489J46394 0.43 26.0 x 14.0 x 7.5 - PCMP 489J46434 0.47 26.0 x 14.0 x 7.5 - PCMP 489J46474 0.51 26.0 x 14.5 x 8.0 - PCMP 489J46514 0.56 26.0 x 15.0 x 8.5 - PCMP 489J46564 0.62 26.0 x 15.5 x 9.0 - PCMP 489J46624 0.68 26.0 x 16.0 x 9.5 - PCMP 489J46684 0.75 26.0 x 16.5 x 10.0 - PCMP 489J46754 0.82 26.0 x 17.0 x 10.5 - PCMP 489J46824 0.91 26.0 x 17.5 x 11.0 - PCMP 489J46914 1.0 26.0 x 18.0 x 11.5 - PCMP 489J46105 |