| データシートサーチシステム |
|
MV1012SC データシート(PDF) 29 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
MV1012SC データシート(HTML) 29 Page - Shindengen Electric Mfg.Co.Ltd |
|
29 / 33 page ![]() MV1012SC 28 6.3 Abnormal heat buildup The MV1012SC doesn’t incorporate thermal shutdown. Install a separate protection circuit, if necessary. 6.4 CS pin open-circuit If the CS pin open-circuit occurs, Vcs will increase due to the internal pull-up current and remain above the CS pin reference voltage. The IC will therefore operate with the minimum on-time Ton_min, and Io will decrease. 6.5 CS-GND short-circuit The IC will be unable to perform peak current detection at the CS pin and will operate with the maximum on-time Ton_max. As Io increases, install a separate protection circuit, if necessary. 6.6 Current detection resistor open-circuit The source of MOSFET will float, and MOSFET operations will become unstable. If the MOSFET switches off, Io will approach zero. However, if the MOSFET is on, overvoltage will be applied to a CS pin, resulting in potential damage to the IC. Install a separate protection circuit, if necessary. 6.7 Current detection resistor short-circuit Vcs will become nearly equal to GND, and the IC will operate with the maximum on-time Ton_max. As Io increases, install a separate protection circuit, if necessary. CAT.No.1A0602-1E |