| データシートサーチシステム |
|
PCMP384L0A データシート(PDF) 2 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
PCMP384L0A データシート(HTML) 2 Page - World Produts Inc. |
|
2 / 26 page ![]() Pilkor components Metallized Polypropylene PCMP 384 film capacitors 186 Ordering Information * Reduced pitch (Reduced lead spacings) ** Reduced pitch (Low height) Available versions Product (lmax) 12.5 18.0 26.0 31.0 Code Packing method C-tol. Lead length & Height Hole to hole ( P0 ) Pitch (P) 2 Loose in box ± 5% lt = 5.0±1.0mm - 10.0 15.0 22.5 27.5 8 Loose in box ± 3.5% lt = 5.0±1.0mm - 10.0 15.0 22.5 27.5 H Loose in box ± 10% lt = 5.0±1.0mm - 10.0 15.0 22.5 27.5 3 Loose in box ± 5% lt =25.0±2.0mm - 10.0 15.0 22.5 27.5 7 Loose in box ± 10% lt =25.0±2.0mm - 10.0 15.0 22.5 27.5 5 Ammo packing ± 5% H=18.5mm 12.7mm 10.0 15.0 22.5 27.5 A Ammo packing ± 5% H0=16.0mm 15.0mm 7.5(*) 7.5(*) - - C Ammo packing ± 5% H0=16.0mm 15.0mm - 7.5(**) - - Type series PCMP 384 (X) X X XXX Code Voltage 4 250V 5 400V 6 630V C 630V mini 1 630V (400Vac) M 800V 7 1000V D 1000V mini N 1250V 8 1600V 9 2000V 2 2000V(700Vac) 0 2500V l h lt P l h P0 H0 5.0 max b dt l P0 h H l h P0 H0 2.0 max * In case of overlapping the value, use the 13NC with pitch information. *Code Original pitch D 10.0mm F 15.0mm J 22.5mm L 27.5mm Capacitance |