データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCP-37S8D-R データシート(PDF) 2 Page - Willow Technologies Ltd

部品番号 CCP-37S8D-R
部品情報  Commercial Latching TRANSFER, DC-3GHz, Low PIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WILLOW [Willow Technologies Ltd]
ホームページ  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-37S8D-R データシート(HTML) 2 Page - Willow Technologies Ltd

  CCP-37S8D-R Datasheet HTML 1Page - Willow Technologies Ltd CCP-37S8D-R Datasheet HTML 2Page - Willow Technologies Ltd CCP-37S8D-R Datasheet HTML 3Page - Willow Technologies Ltd CCP-37S8D-R Datasheet HTML 4Page - Willow Technologies Ltd CCP-37S8D-R Datasheet HTML 5Page - Willow Technologies Ltd CCP-37S8D-R Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCP-37SPage 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-37S\072013\Q3
Series CCP-37S
Miniature DC–3 GHz
Low PIM Latching TRANSFER Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR LATCHING TRANSFER
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
11
1
22
2
3
C
C
Common
Common
41
1
52
2
6Vsw
Vsw
7A
A
8B
B
9C
C
TRUTH TABLE (with TTL option)
Logic Input
RF Path
Indicator
(if applicable)
12
1-2
1-3
2-4
3-4
A
B
00
No Change
N/A
10
Off
On
On
Off
A & C
01
On
Off
Off
On
B & C
11
Forbidden
N/A
P/N:
VOLTAGE:
VDC
D/C:
M/O:
RoHS
MADE IN
TELEDYNE COAX
SWITCHES



Html Pages

1 2 3 4 5 6