| データシートサーチシステム |
|
RGPS-R9244GP データシート(PDF) 3 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
RGPS-R9244GP データシート(HTML) 3 Page - ORing Industrial Networking Corp |
|
3 / 6 page ![]() 1 www.oring-networking.com 1-304 ORing's switches are intelligent switches. Different from other traditional redundant switches, ORing provides a set of Windows utility (Open-Vision) for user to manage and monitor all of industrial Ethernet switches on the industrial network. Open-Vision Commander TopologyView Host Monitor PoE Pin Definition 10/100Base-T(X) P.S.E. RJ-45 Port RJ-45 Pin Definition Pin No. Description #1 TD+ with PoE Power input + #2 TD- with PoE Power input + #3 RD+ with PoE Power input - #6 RD- with PoE Power input - 1000Base-T P.S.E. RJ-45 Port RJ-45 Pin Definition Pin No. Description #1 BI_DA+ with PoE Power input + #2 BI_DA- with PoE Power input + #3 BI_DB+ with PoE Power input - #4 BI_DC+ #5 BI_DC- #6 BI_DB- with PoE Power input - #7 BI_DD+ #8 BI_DD- Industrial Ethernet Switch Rack-Mount Managed Gigabit PoE Ethernet Switch v1.1a/ Apr, 2014 |