| データシートサーチシステム |
|
SCN68652AC2F40 データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCN68652AC2F40 データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 28 page ![]() Philips Semiconductors Product specification SCN2652/SCN68652 Multi-protocol communications controller (MPCC) 2 1995 May 01 853-1068 15179 DESCRIPTION The SCN2652/68652 Multi-Protocol Communications Controller (MPCC) is a monolithic n-channel MOS LSI circuit that formats, transmits and receives synchronous serial data while supporting bit-oriented or byte control protocols. The chip is TTL compatible, operates from a single +5V supply, and can interface to a processor with an 8 or 16-bit bidirectional data bus. APPLICATIONS • Intelligent terminals • Line controllers • Network processors • Front end communications • Remote data concentrators • Communication test equipment • Computer to computer links FEATURES • DC to 2Mbps data rate • Bit-oriented protocols (BOP): SDLC, ADCCP, HDLC • Byte-control protocols (BCP): DDCMP, BISYNC (external CRC) • Programmable operation – 8 or 16-bit tri-state data bus – Error control – CRC or VRC or none – Character length – 1 to 8 bits for BOP or 5 to 8 bits for BCP – SYNC or secondary station address comparison for BCP-BOP – Idle transmission of SYNC/FLAG or MARK for BCP-BOP • Automatic detection and generation of special BOP control sequences, i.e., FLAG, ABORT, GA • Zero insertion and deletion for BOP • Short character detection for last BOP data character • SYNC generation, detection, and stripping for BCP • Maintenance mode for self-testing • TTL compatible • Single +5V supply PIN CONFIGURATION Pin Function Pin Function 1NC 23 NC 2CE 24 A0 3 RxC 25 BYTE 4 RxSI 26 DBEN 5 S/F 27 DB07 6 RxA 28 DB06 7 RxDA 29 DB05 8 RxSA 30 DB04 9 RxE 31 DB03 10 GND 32 DB02 11 DB08 33 DB01 12 NC 34 NC 13 DB09 35 DB00 14 DB10 36 VCC 15 DB11 37 RESET 16 DB12 38 TxA 17 DB13 39 TxBE 18 DB14 40 TxU 19 DB15 41 TxE 20 R/W 42 TxSQ 21 A2 43 TxC 22 A1 44 MM 1 39 17 28 40 29 18 7 PLCC 6 TOP VIEW INDEX CORNER NOTE: DB00 is least significant bit, highest number (that is, DB15, A2) is most significant bit. 24 23 22 21 20 19 18 17 16 15 28 27 12 10 11 9 8 7 6 5 4 3 2 1 14 13 26 25 29 30 31 32 33 34 35 36 37 38 39 40 CE RxC RxSI S/F RxA RxDA RxSA RxE GND DB08 DB09 DB10 DB11 DB12 DB13 DB14 DB15 R/W A2 A1 A0 BYTE DBEN DB07 DB06 DB05 DB04 DB03 DB02 DB01 DB00 VCC RESET TxA TxBE TxU TxE TxSQ TxC MM DIP TOP VIEW SD00057 Figure 1. Pin Configuration |