| データシートサーチシステム |
|
DG82-2011-76-1024-R データシート(PDF) 2 Page - Willow Technologies Ltd |
|
|
|||||||||||||||||||||||||||||
DG82-2011-76-1024-R データシート(HTML) 2 Page - Willow Technologies Ltd |
|
2 / 3 page ![]() Ordering codes Type Contact material Contact arrangement Cover protec- tion and mounting Coil code Options D G 8 2 - - - - Contact material 10 - AgCdO See coil table 1 20 - AgNi 90/10 70 - AgSnOInO 80 - AgNi 0.15 Contact arrangement 11 - SPDT (1 C/O, 1 Form C) 21 - SPST-NO (1N/O, 1 Form A) Cover protection category 3 - in cover, sealed - IP67 7 - in cover, dust cover - IP54 Connection mode 5 - for PCB 6 - Flat Blades Coil Options Nil - UL Class F coil insulation H - UL Class H insulation for higher ambient temperatures - consult factory. Parallel Component Options Nil - No option R - Resistor (see Table 1 for values) D - Diode (+85 / -86) DR - Diode reversed (-85 / + 86) - standard BD - Bidirectional diode DG82 micro plug-in/pcb automotive relay Ref: DG82 102315JHM Coil Data Table 1 Coil Voltage Code Nominal Voltage (VDC) Coil Resistance (Ω) ±10% Must Operate Voltage Max. (VDC) Allowable Voltage (VDC)* Must release voltage min. (VDC) Parallel Resistor (optional) (Ω) 1 Form A 1 Form C 1 Form A 1 Form C 1006 6 32 25 3.6 10.4 9.2 0.6 170 1012 12 123 97 7.2 20.4 18.1 1.2 680 1024 24 483 384 14.4 40.4 36.0 2.4 2720 * At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28% Page 2 of 3 www.aecsensors.com Sales Department Tel: (888) 847-6552 Specifications are liable to change without notice. E&OE . |