| データシートサーチシステム |
|
ST92F120V9 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120V9 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 324 page ![]() 17/324 ST92F120 - GENERAL DESCRIPTION P4.1 All ports useable for general pur- pose I/O (input, output or bidirec- tional) 15 I/O P4.2 16 OCMPA1 O Ext. Timer 1 - Output Compare A P4.3 19 ICAPB1 I Ext. Timer 1 - Input Capture B OCMPB1 O Ext. Timer 1 - Output Compare B P4.4 20 EXTCLK1 I Ext. Timer 1 - Input Clock WKUP4 I Wake-up Line 4 P4.5 21 EXTRG I A/D 0 and A/D 1 - Ext. Trigger STOUT O Standard Timer Output P4.6 22 SDA I/O I2C Data P4.7 23 WKUP1 I Wake-up Line 1 SCL I/O I2C Clock P5.0 6 WAIT I External Wait Request WKUP5 I Wake-up Line 5 P5.1 7 WKUP6 I Wake-up Line 6 WDOUT O Watchdog Timer Output P5.2 8 SIN0 I SCI0 - Serial Data Input WKUP2 I Wake-up Line 2 P5.3 9 SOUT0 O SCI0 - Serial Data Output WDIN I Watchdog Timer Input P5.4 10 TXCLK0 I SCI0 - Transmit Clock Input CLKOUT0 O SCI0 - Clock Output P5.5 11 RXCLK0 I SCI0 - Receive Clock Input WKUP7 I Wake-up Line 7 P5.6 12 DCD0 I SCI0 - Data Carrier Detect WKUP8 I Wake-up Line 8 P5.7 13 WKUP9 I Wake-up Line 9 RTS0 O SCI0 - Request To Send P6.0 67 INT0 I External Interrupt 0 INT1 I External Interrupt 1 CLOCK2/8 O CLOCK2 divided by 8 P6.1 68 INT6 I External Interrupt 6 RW O Read/Write P6.2 69 INT2 I External Interrupt 2 INT4 I External Interrupt 4 DS2 O Data Strobe 2 Port Name General Purpose I/O Pin No. Alternate Functions 9 |