| データシートサーチシステム |
|
STTH3002CW データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH3002CW データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() STTH3002C 3/7 0 20 40 60 80 100 120 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 I (A) M T δ=tp/T tp IM δ P = 30W P = 15W P = 10W Fig. 1: Peak current versus duty cycle (per diode). 0 10 20 30 40 50 60 70 80 90 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 V (V) FM I (A) FM T =25°C j T =150°C j Fig. 2-1: Forward voltage drop versus forward current (typical values, per diode). 0.1 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Z/R th(j-c) th(j-c) Single pulse t(s) p Fig. 3: Relative variation of thermal impedance junction to case versus pulse duration. 10 100 1000 0 50 100 150 200 C(pF) V (V) R F=1MHz V =30mV T =25°C OSC RMS j Fig. 4: Junction capacitance versus reverse voltage applied (typical values, per diode). 0 25 50 75 100 125 150 175 200 225 250 10 100 1000 Q (nC) rr dI /dt(A/µs) F I =15A F V =160V R T =125°C j T =25°C j Fig. 5: Reverse recovery charges versus dIF/dt (typical values, per diode). 0 10 20 30 40 50 60 70 80 90 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 I (A) FM V (V) FM T =25°C j T =150°C j Fig. 2-2: Forward voltage drop versus forward current (maximum values, per diode). |