データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IES-2060 データシート(PDF) 3 Page - ORing Industrial Networking Corp

部品番号 IES-2060
部品情報  Industrial 6-port lite-managed Ethernet switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ORING [ORing Industrial Networking Corp]
ホームページ  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-2060 データシート(HTML) 3 Page - ORing Industrial Networking Corp

  IES-2060 Datasheet HTML 1Page - ORing Industrial Networking Corp IES-2060 Datasheet HTML 2Page - ORing Industrial Networking Corp IES-2060 Datasheet HTML 3Page - ORing Industrial Networking Corp IES-2060 Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
www.oring-networking.com
1-240
Industrial Ethernet Switch DIN-Rail Lite-Managed Ethernet Switch
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3x for Flow control
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
1024 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching bandwidth : 1.2Gbps
VLAN : Port Based
Security Features
Enable/disable ports
VLAN to segregate and secure network traffic
Software Features
STP/RSTP (IEEE 802.1D/w)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
DHCP Client
Port base VLAN
LLDP (Link Layer Discovery Protocol)
Port configuration, status, statistics, monitoring, security
SNMP v1/v2c/v3 and private MIB support
Network Redundancy
O-Ring
Open-Ring O-Chain
Fast recovery STP
RSTP
LED Indicators
Power Indicator
Green : Power LED x 3
R.M. Indicator
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator
Green : Indicates that the system is operating in O-Ring mode
Fault Indicator
Amber : Indicates unexpected events occurred
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for Link
100 Base-FX Fiber Port Indicator
Green for port Link/Act. Amber for Link
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Triple DC inputs: 12 ~ 48 VDC on 7-pin terminal block, 12 ~ 45 VDC on power jack
Power Consumption (Typ.)
5 Watts
7 Watts
7 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present on terminal block
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
54.2(W) x 106.1(D) x 145.4(H) mm (2.13x4.18x5.72 inch.)
Weight (g)
657 g
670 g
670 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
MTBF (Hours) (MIL-HDBK-217F2, GB, GC, 25°C)
383,478
383,478
383,478
Warranty
5 years
v1.51 / Dec, 2011



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com