| データシートサーチシステム |
|
TMCM データシート(PDF) 13 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TMCM データシート(HTML) 13 Page - Vishay Siliconix |
|
13 / 16 page ![]() Molded Guide www.vishay.com Vishay Polytech Revision: 11-Apr-16 5 Document Number: 40218 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 PLASTIC TAPE AND REEL PACKAGING DIMENSIONS in millimeters CASE CODE J, P, A, UA, B, UB C, E, F TAPE WIDTH 8 12 A + 0 / - 3 Ø 180 B + 1 / 0 Ø 60 C ± 0.2 Ø 13 D ± 0.5 Ø 21 E ± 0.5 2.0 W ± 0.3 9.0 13.0 TAPE SIZE in millimeters CASE CODE A ± 0.2 B ± 0.2 W ± 0.3 F ± 0.1 E ± 0.1 P1 ± 0.1 tmax. J 1.0 1.8 8.0 3.5 1.75 4.0 1.3 P 1.4 2.2 8.0 3.5 1.75 4.0 1.6 A 1.9 3.5 8.0 3.5 1.75 4.0 2.5 UA 1.9 3.5 8.0 3.5 1.75 4.0 1.7 B 3.1 3.8 8.0 3.5 1.75 4.0 2.5 UB 3.1 3.8 8.0 3.5 1.75 4.0 1.7 C 3.7 6.3 12.0 5.5 1.75 8.0 3.1 E 4.8 7.7 12.0 5.5 1.75 8.0 3.4 F 6.2 7.5 12.0 5.5 1.75 8.0 4.1 Label D E W Perforation Direction of tape flow Inserting direction t A P 1 Ø 1.5 Pocket + 0.1 0 4.0 ± 0.1 2.0 ± 0.1 Perforation Symbol: R Marking side (upper) Mounting terminal side (lower) |