データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETE2201PJD データシート(PDF) 8 Page - Texas Instruments

部品番号 TNETE2201PJD
部品情報  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TNETE2201PJD データシート(HTML) 8 Page - Texas Instruments

Back Button TNETE2201PJD Datasheet HTML 2Page - Texas Instruments TNETE2201PJD Datasheet HTML 3Page - Texas Instruments TNETE2201PJD Datasheet HTML 4Page - Texas Instruments TNETE2201PJD Datasheet HTML 5Page - Texas Instruments TNETE2201PJD Datasheet HTML 6Page - Texas Instruments TNETE2201PJD Datasheet HTML 7Page - Texas Instruments TNETE2201PJD Datasheet HTML 8Page - Texas Instruments TNETE2201PJD Datasheet HTML 9Page - Texas Instruments TNETE2201PJD Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TNETE2201
1.25-GIGABIT ETHERNET TRANSCEIVER
SLLS267D – JUNE 1997 – REVISED FEBRUARY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
comma character not on expected boundary
When synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then
word realignment is necessary. Realignment or shifting of the 10-bit word boundary truncates the character
following the misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown
in Figure 2. The 10b specification requires that RCLK cycles can not be truncated and can only be stretched
or stalled in their current state during realignment. With this design the maximum stretch that occurs is an extra
10 bit times. This occurs during a worst case scenario when the K28.5 is aligned to the falling edge of RBC1
instead of the rising edge. This system transmits a minimum of three consecutively ordered K28.5 data sets
between frames and ensures that the receiver sees at least two of K28.5 sets (the fabric is allowed to drop one).
Figure 2 shows the timing characteristics of the data realignment.
Systems that do not require framed data can disable byte alignment by tying SYNCEN low.
When a synchronization character is detected, the SYNC signal is asserted high and is aligned with the K28.5
character. The duration of the SYNC-signal pulse is equal to the duration of the data which is half an RCLK
period.
RBC0
RBC1
SYNC
Serial Rx Data Stream
DIN_RxP – DIN_RxN
K28.5
Dxx.x
Dxx.x
Dxx.x
K28.5
Dxx.x
RD0 – RD9
K28.5
Dxx.x
Dxx.x
Dxx.x
Dxx.x
K28.5
20 Bit Times
(MAX)
Typical Receive
Path Latency = 18 ns
Dxx.x
Dxx.x
Dxx.x
Worst Case
Misaligned K28.5
Corrupted Data
Misalignment
Corrected
10 Bit Times
10 Bit Times
Dxx.x
K28.5
K28.5
Dxx.x
K28.5
Figure 2. Word Realignment Timing Characteristics Waveforms
data reception latency
The serial-to-parallel data latency is the time from when the first bit arrives at the receiver until it is output in the
aligned parallel word with RD0 received as first bit. The receive latency is typically 18 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10