データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IMS7 データシート(PDF) 1 Page - Bel Fuse Inc.

部品番号 IMS7
部品情報  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS7 データシート(HTML) 1 Page - Bel Fuse Inc.

  IMS7 Datasheet HTML 1Page - Bel Fuse Inc. IMS7 Datasheet HTML 2Page - Bel Fuse Inc. IMS7 Datasheet HTML 3Page - Bel Fuse Inc. IMS7 Datasheet HTML 4Page - Bel Fuse Inc. IMS7 Datasheet HTML 5Page - Bel Fuse Inc. IMS7 Datasheet HTML 6Page - Bel Fuse Inc. IMS7 Datasheet HTML 7Page - Bel Fuse Inc. IMS7 Datasheet HTML 8Page - Bel Fuse Inc. IMS7 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 1 of 14
MELCHER
The Power Partners.
50.8
2.0"
25.4
1.0"
10.5
0.42"
Features
• RoHS lead-free-solder and lead-solder-exempted
products are available.
• Input voltage ranges up to 150 VDC
• 1 or 2 isolated outputs up to 48 V
• 1500 to 2000 VAC voltage withstand test
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 84%)
• Input undervoltage lockout
• Inhibit input, adjustable output voltages
• Flex power: flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability and no derating
• Operating ambient temperature – 40 to +85 °C
• Thermal protection
• Supplementary insulation
• Planar technology for best mechanical stability
• 2” × 1” case with 10.5 mm profile
Description
The IMX7/IMS7 Series of board-mountable 7 Watt DC-DC
converters have been designed according to the latest
industry requirements and standards. The converters are
particularly suitable for use in mobile or stationary applications
in transport, railways, industry, or telecom, where variable
input voltages or high transient voltages are prevalent.
Covering a total input voltage range from 8.4 V to 150 V with
six different models, the converters are available with single
and electrically-isolated double outputs from 3.3 up to 48 V
with flexible load distribution on double outputs. A shutdown
input allows remote on/off.
Features include efficient input and output filtering with good
transient and surge protection, low output ripple and noise,
consistently high efficiency over the entire input voltage range,
and high reliability as well as excellent dynamic response to
load and line changes.
The converters provide supplementary insulation with SELV
outputs as for instances required in battery-supported
systems, where the bus voltage may exceed the SELV limit of
60 V. The models 70IMX7 and 110IMX7 are CE-marked.
The circuitry is comprised of integral planar magnetics. All
components
are
automatically
assembled
and
securely
soldered onto a single PCB without any wire connections.
Magnetic
feedback
ensures
maximum
reliability
and
repeatability in the control loop over all operating conditions.
Careful considerations of possible thermal stresses ensure the
absence of hot spots, providing long life in environments, where
temperature cycles are a reality. The thermal design allows
operation at full load up to an ambient temperature of 85 °C in
free air without using any potting material. For extremely high
vibration environments the case has holes for screw mounting.
Several options, such as open-frame, provide a high level of
application-specific engineering and design-in flexibility.
Safety-approved to IEC 60950-1 and UL/CSA 60950-1
2nd Ed.
1 70/110IMX7 models
1
Table of Contents
Page
Page
Copyright © 2015, Bel Power Solutions Inc. All rights reserved.
Description ............................................................................. 1
Model Selection ..................................................................... 2
Functional Description ........................................................... 3
Electrical Input Data ............................................................... 4
Electrical Output Data ............................................................ 7
Auxiliary Functions ................................................................. 9
Electromagnetic Compatibility (EMC) .................................. 11
Immunity to Environmental Conditions ................................ 12
Mechanical Data .................................................................. 13
Safety and Installation Instructions ...................................... 13
Description of Options ......................................................... 14


同様の部品番号 - IMS7

メーカー部品番号データシート部品情報
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
More results

同様の説明 - IMS7

メーカー部品番号データシート部品情報
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
7 Watt DC-DC Converters
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Tumbler Technologies + ...
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com