| データシートサーチシステム |
|
ADAV801 データシート(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 データシート(HTML) 30 Page - Analog Devices |
|
30 / 61 page ![]() ADAV801 Rev. A | Page 29 of 60 Datapath The ADAV801 features a digital input/output switching/ multiplexing matrix that gives flexibility to the range of possible input and output connections. Digital input ports include playback and auxiliary input (both 3-wire digital), and S/PDIF (single-wire to the on-chip receiver). Output ports include the record and auxiliary output ports (both 3-wire digital) and the S/PDIF port (single-wire from the on-chip transmitter). Internally, the DIR and DIT are interfaced via 3-wire interfaces. The datapath for each input and output port is selected by programming Datapath Control Register 1 and Datapath Control Register 2. Figure 52 shows the internal datapath structure of the ADAV801. PLL ADC DAC OSCILLATOR REFERENCE CONTROL REGISTERS PLAYBACK DATA INPUT DIR AUX DATA INPUT RECORD DATA OUTPUT AUX DATA OUTPUT DIT SRC Figure 52. Datapath |