| データシートサーチシステム |
|
74ALVC573 データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC573 データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 20 page ![]() 2003 Jun 25 6 Philips Semiconductors Product specification Octal D-type transparent latch; 3-state 74ALVC573 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation. 3. For SO20 packages: above 70 °C the value of Ptot derates linearly with 8 mW/K. a) For TSSOP20 packages: above 60 °C the value of Ptot derates linearly with 5.5 mW/K. b) For DHVQFN20 packages: above 60 °C the value of Ptot derates linearly with 4.5 mW/K. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage 1.65 3.6 V VI input voltage 0 3.6 V VO output voltage VCC = 1.65 to 3.6 V; enable mode 0 VCC V VCC = 1.65 to 3.6 V; disable mode 0 3.6 V VCC = 0 V; Power-down mode 0 3.6 V Tamb operating ambient temperature −40 +85 °C tr, tf input rise and fall times VCC = 1.65 to 2.7 V 0 20 ns/V VCC = 2.7 to 3.6 V 0 10 ns/V SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.5 +4.6 V IIK input diode current VI <0 −−50 mA VI input voltage −0.5 +4.6 V IOK output diode current VO >VCC or VO <0 −±50 mA VO output voltage enable mode; notes 1 and 2 −0.5 VCC + 0.5 V disable mode −0.5 +4.6 V Power-down mode; note 2 −0.5 +4.6 V IO output source or sink current VO =0toVCC −±50 mA ICC, IGND VCC or GND current −±100 mA Tstg storage temperature −65 +150 °C Ptot power dissipation Tamb = −40 to +85 °C; note 3 − 500 mW |