| データシートサーチシステム |
|
74ALVC573D データシート(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC573D データシート(HTML) 7 Page - NXP Semiconductors |
|
7 / 20 page ![]() 2003 Jun 25 7 Philips Semiconductors Product specification Octal D-type transparent latch; 3-state 74ALVC573 DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground=0V). Notes 1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C. 2. For transceivers, the parameter IOZ includes the input leakage current. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT OTHER VCC (V) Tamb = −40 to +85°C VIH HIGH-level input voltage 1.65 to 1.95 0.65 × V CC −− V 2.3 to 2.7 1.7 −− V 2.7 to 3.6 2 −− V VIL LOW-level input voltage 1.65 to 1.95 −− 0.35 × V CC V 2.3 to 2.7 −− 0.7 V 2.7 to 3.6 −− 0.8 V VOL LOW-level output voltage VI =VIH or VIL IO = 100 µA 1.65 to 3.6 −− 0.2 V IO = 6 mA 1.65 −− 0.3 V IO = 12 mA 2.3 −− 0.4 V IO = 18 mA 2.3 −− 0.6 V IO = 12 mA 2.7 −− 0.4 V IO = 18 mA 3.0 −− 0.4 V IO = 24 mA 3.0 −− 0.55 V VOH HIGH-level output voltage VI =VIH or VIL IO = −100 µA 1.65 to 3.6 VCC − 0.2 −− V IO = −6 mA 1.65 1.25 −− V IO = −12 mA 2.3 1.8 −− V IO = −18 mA 2.3 1.7 −− V IO = −12 mA 2.7 2.2 −− V IO = −18 mA 3.0 2.4 −− V IO = −24 mA 3.0 2.2 −− V ILI input leakage current VI = 3.6 V or GND 3.6 −±0.1 ±5 µA IOZ 3-state output OFF-state current VI =VIH or VIL; VO = 3.6 V or GND; note 2 1.65 to 3.6 − 0.1 ±10 µA Ioff power OFF leakage current VI or VO = 0 to 3.6 V 0.0 −±0.1 ±10 µA ICC quiescent supply current VI =VCC or GND; IO =0 3.6 − 0.2 10 µA ∆I CC additional quiescent supply current per input pin VI =VCC − 0.6 V; IO =0 3.0 to 3.6 − 5 750 µA |