| データシートサーチシステム |
|
TNC-R2-2H-Ni-CF データシート(PDF) 7 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R2-2H-Ni-CF データシート(HTML) 7 Page - DDK Ltd. |
|
7 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○Receptacle Plug ○Right Angle Receptacle Jack Part Number Finish Outer Conductor Center Conductor TNC-PR-CF Ag Ag Part Number Finish Outer Conductor Center Conductor TNC-LR-CF Ag Au TNC-LR-Ni-CF Ni Ag Part Number Finish Outer Conductor Center Conductor TNC-LR-1-CF Ag Ag TNC-PR TNC-LR-Ni TNC-LR TNC-LR-1 28.5 18.0 12.7±0.05 4-φ3.2 +0.1 0 φ9.0 +0.1 0 □17.5 12.7 4-φ3.0 2.3 12.7±0.05 4-φ3 +0.1 0 φ9.0 +0.1 0 14.3 2.3 23 □17.5 12.7 12.7 4-φ3.0 4-M2.6 21.6 14.3 2.3 5 TNC-PR TNC-LR-Ni TNC-LR TNC-LR-1 28.5 18.0 12.7±0.05 4-φ3.2 +0.1 0 φ9.0 +0.1 0 □17.5 12.7 4-φ3.0 2.3 12.7±0.05 4-φ3 +0.1 0 φ9.0 +0.1 0 14.3 2.3 23 □17.5 12.7 12.7 4-φ3.0 4-M2.6 21.6 14.3 2.3 5 TNC-PR TNC-LR-Ni TNC-LR TNC-LR-1 28.5 18.0 12.7±0.05 4-φ3.2 +0.1 0 φ9.0 +0.1 0 □17.5 12.7 4-φ3.0 2.3 12.7±0.05 4-φ3 +0.1 0 φ9.0 +0.1 0 14.3 2.3 23 □17.5 12.7 12.7 4-φ3.0 4-M2.6 21.6 14.3 2.3 5 7 Panel Mounting Dimensions Panel Mounting Dimensions |