| データシートサーチシステム |
|
111MT160KB データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
111MT160KB データシート(HTML) 4 Page - International Rectifier |
|
4 / 9 page ![]() www.irf.com 53-93-113MT..KB Series 4 Bulletin I27503 08/97 1 23 1 - Current rating code: 5 = 55 A (Avg) 9 = 90 A (Avg) 11 = 110 A (Avg) 2 - Circuit configuration code: 3 = Full-controlled bridge 2 = Positive half-controlled bridge 1 = Negative half-controlled bridge 3 - Essential part number 4 - Voltage code: Code x 10 = V RRM (See Voltage Ratings Table) 5 - Generation II 6 - Critical dv/dt: None = 500V/µs (Standard value) S90 = 1000V/µs (Special selection) 4 Device Code Ordering Information Table 5 6 11 3 MT 160 K B S90 Sinusoidal conduction @ T J max. Rectangular conduction @ T J max. Devices Units 180o 120o 90o 60o 30o 180o 120o 90o 60o 30o 53/52/51MT.KB 0.072 0.085 0.108 0.152 0.233 0.055 0.091 0.117 0.157 0.236 K/W 93/92/91MT.KB 0.033 0.039 0.051 0.069 0.099 0.027 0.044 0.055 0.071 0.100 113/112/111MT.KB 0.027 0.033 0.042 0.057 0.081 0.023 0.037 0.046 0.059 0.082 ∆R Conduction (per Junction) (The following table shows the increment of thermal resistance R thJC when devices operate at different conduction angles than DC) NOTE: To order the Optional Hardware see Bulletin I27900 negative half-controlled bridge (51, 91, 111MT..KB) positive half-controlled bridge (52, 92, 112MT..KB) full-controlled bridge (53, 93, 113MT..KB) |