データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISC-1211F-I データシート(PDF) 2 Page - ORing Industrial Networking Corp

部品番号 ISC-1211F-I
部品情報  Industrial RS-422/485 repeater
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ORING [ORing Industrial Networking Corp]
ホームページ  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1211F-I データシート(HTML) 2 Page - ORing Industrial Networking Corp

  ISC-1211F-I Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1211F-I Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1211F-I Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed for Rugged Excellence
2-49
2-49
ORing Media Converter Model
ISC-1212-I
Physical Ports
RS-422/485 Connector
10-pin terminal block
RS-422/485 Signals
RS-422 : TX+, TX-, RX+, RX-
RS-485 : Data+, Data-
Baud Rate
300 ~ 115.2 Kbps
Data bit
5, 6, 7, 8
Stop bit
1, 1.5, 2
Dimensions
(Unit=mm)
Specifications
Pin Assignment
Inputs RS-422/485 Terminal Block Pin Assignment
Interface
RS-485
Reserved
RS-422
Reserved
Power Input
Pin No.
1
2
3
4
5
6
7
8
9
10
Info
Data+
Data-
N.C.
TX+
TX-
RX+
RX-
N.C.
V+
GND
Outputs RS-422/485 Terminal Block Pin Assignment
Interface
RS-485
Reserved
RS-422
Reserved
Pin No.
20
19
18
17
16
15
14
13
12
11
Info
Data+
Data-
N.C.
TX+
TX-
RX+
RX-
N.C.
v1.5 / Dec, 2011
Industrial Media Converter Serial to Serial Media Converter



Html Pages

1 2 3