| データシートサーチシステム |
|
ISC-1310FW-SS-SC-R データシート(PDF) 5 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
ISC-1310FW-SS-SC-R データシート(HTML) 5 Page - ORing Industrial Networking Corp |
|
5 / 5 page ![]() * All specifications are subject to change without notice. Designed for Rugged Excellence Vibration IEC60068-2-6 Warranty 5 years Ordering Information ISC- ABCDEF Code Definition Serial port number Serial Type Converter port number Converter Type Other type Additional function Option - 1 : 1 port - 1 : RS-232 - 2 : RS-422/485 - 3 : RS-232/422/485 - 1 : 1 port - 0 : other type - 1 : RS-232 - 2 : RS-422/485 - 3 : RS-232/422/485 - F : Fiber - W : Wave Division Modulation Available Model Model Name Description ISC-1310FW-SS-SC-L Industrial 1 port RS-232/422/485 to 1 port Fiber serial media converter, single-mode, SC connector, L-TX1310/RX1550 ISC-1310FW-SS-SC-R Industrial 1 port RS-232/422/485 to 1 port Fiber serial media converter, single-mode, SC connector, R-TX1550/RX1310 Packing List O ISC-1310FW x 1 DIN-Rail Kit x 1 Wall-mount Kit x 1 Quick Installation Guide x 1 |