データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9736BBC データシート(PDF) 24 Page - Analog Devices

部品番号 AD9736BBC
部品情報  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC データシート(HTML) 24 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 20Page - Analog Devices AD9736BBC Datasheet HTML 21Page - Analog Devices AD9736BBC Datasheet HTML 22Page - Analog Devices AD9736BBC Datasheet HTML 23Page - Analog Devices AD9736BBC Datasheet HTML 24Page - Analog Devices AD9736BBC Datasheet HTML 25Page - Analog Devices AD9736BBC Datasheet HTML 26Page - Analog Devices AD9736BBC Datasheet HTML 27Page - Analog Devices AD9736BBC Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 24 of 42
Figure 25. AD9736 Internal LVDS Data Sampling Logic Timing
Figure 26. Set-Up Delay Measurement
Figure 27. Hold Delay Measurement
DB13:0
DATACLK_IN
DATA SAMPLING
SIGNAL
D1
D2
t1
t2
SAMPLE
DELAY
PROP DELAY
TO LATCH
PROP DELAY
TO LATCH
DB<13:0>
DATACLK_IN
CSS with
MHD<3:0> = 0
DCS, delayed
by MSD<3:0>
MSD<3:0> = 0 1 2 3 4 5
set up time (ts)
hold time (th)
CHECK = 1 1 1 1 1 0
Sample Delay , SD<3:0>
CSS Samples DCS
CHECK = 1
DB<13:0>
DATACLK_IN
DCS with
MSD<3:0> = 0
MHD<3:0> = 0 1 2 3 4 5
CHECK = 1 1 1 1 1 0
set up time (ts)
hold time (th)
Sample Delay, SD<3:0>
CSS Samples DCS
CSS, delayed
by MHD<3:0>
CHECK = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42