| データシートサーチシステム |
|
AD7314ARMZ データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7314ARMZ データシート(HTML) 4 Page - Analog Devices |
|
4 / 9 page ![]() REV. A AD7314 –3– ABSOLUTE MAXIMUM RATINGS 1 VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V Operating Temperature Range . . . . . . . . . . . –35 °C to +85°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150 °C MSOP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 206°C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220 °C Latch-Up for ID Pin 2 . . . . . . . . . . . . . . . . . . . . . . . . ≤ –70 mA Latch-Up for All Other Pins . . . . . . . . . . . . . . . . . ≥ –110 mA NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Correct usage of the ID pin will prevent any latch-up from occurring. In an application, the ID pin should be either tied to VDD via a 100 k Ω resistor or left open circuit. If the application complies with this recommendation, the ID pin will never see –70 mA. 200 AIOL 1.6V 200 AIOH CL 50pF TO OUTPUT PIN Figure 2. Load Circuit for Data Access Time and Bus Relinquish Time CE SCLK SDO SDI t1 t2 t7 t3 t4 t6 t5 t8 Figure 1. Timing Diagram CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7314 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ORDERING GUIDE Temperature Temperature Package Package Model Range Error Description Option Branding AD7314ARM –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA AD7314ARM-REEL –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA AD7314ARM-REEL7 –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA AD7314ARMZ * –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA AD7314ARMZ-REEL * –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA AD7314ARMZ-REEL7 * –35 °C to +85°C ±2°C 8-Lead MSOP RM-8 CKA *Z = Lead Free. |