| データシートサーチシステム |
|
CDC329DR データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDC329DR データシート(HTML) 3 Page - Texas Instruments |
|
3 / 6 page ![]() CDC329 1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY SCBS117A–D4501, JANUARY 1991–REVISED NOVEMBER 1992 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.75 V, II = –18 mA –1.2 V VOH VCC = 4.75 V, IOH = – 15 mA 3.85 V VOL VCC = 4.75 V, IOL = 64 mA 0.55 V II VCC = 5.25 V, VI = VCC or GND ±1 µA ICC VCC = 5.25 V, IO = 0, Outputs high 50 µA ICC CC , O , VI = VCC or GND Outputs low 20 30 mA Ci VI = 2.5 V or 0.5 V 3 pF † All typical values are at VCC = 5 V, TA = 25°C switching characteristics over recommended ranges of supply voltage and operating free-air temperature (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX UNIT tPLH A Any Y 2 6.6 ns tPHL A Any Y 1.7 5.4 ns tPLH T/C Any Y 1.6 7.4 ns tPHL T/C Any Y 1.7 6.3 ns t k( ) A Any Y (same phase) 0.5 ns tsk(o) A Any Y (any phase) 2.5 ns tr 2 ns tf 1.3 ns switching characteristics, VCC = 5 V ± 0.25 V, TA = 25°C to 70°C (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tPLH A Any Y 2.3 5.9 ns tPHL A Any Y 1.7 4.8 ns t k( ) A Any Y (same phase) 0.5 ns tsk(o) A Any Y (any phase) 2 ns |