| データシートサーチシステム |
|
IGAP-6620 データシート(PDF) 2 Page - ORing Industrial Networking Corp |
|
|
|||||||||||||||||||||||||||||
IGAP-6620 データシート(HTML) 2 Page - ORing Industrial Networking Corp |
|
2 / 5 page ![]() * All specifications are subject to change without notice. Designed for Rugged Excellence Application In practical operation of wireless access point, Windows utility (Open-Version) is supported. This utility is very helpful for you to search and configure IP of access point on the industrial network. In addition, the wireless access point support various kinds of operation modes include Dual AP/Dual Client /Bridge /AP-Client Mode. PIN 1 2 3 4 5 Function DI1 DI2 DI3 DI4 COM DI/DO Definition Digital Input Pin Definition Digital Output Pin Definition Dimension |