| データシートサーチシステム |
|
M24C02-MB3TG データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-MB3TG データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() 21/29 M24C16, M24C08, M24C04, M24C02, M24C01 PACKAGE MECHANICAL Figure 12. PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame, Package Outline Note: Drawing is not to scale. Table 18. PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame, Package Mechanical Data Symb. mm inches Typ. Min. Max. Typ. Min. Max. A 5.33 0.210 A1 0.38 0.015 A2 3.30 2.92 4.95 0.130 0.115 0.195 b 0.46 0.36 0.56 0.018 0.014 0.022 b2 1.52 1.14 1.78 0.060 0.045 0.070 c 0.25 0.20 0.36 0.010 0.008 0.014 D 9.27 9.02 10.16 0.365 0.355 0.400 E 7.87 7.62 8.26 0.310 0.300 0.325 E1 6.35 6.10 7.11 0.250 0.240 0.280 e2.54 – – 0.100 –– eA 7.62 – – 0.300 – – eB 10.92 0.430 L 3.30 2.92 3.81 0.130 0.115 0.150 PDIP-B A2 A1 A L be D E1 8 1 c eA b2 eB E |