データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB05F データシート(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

部品番号 MB05F
部品情報  Surface Mount Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
ホームページ  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MB05F データシート(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  MB05F Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MB05F Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MB05F~MB10F
Miniature Glass Passivated Single-Phase
Surface Mount Flat Bri dge Rectifier
Major Ratings and Characteristics
IF(AV)
0.5A , 0.8A
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: MBF Molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol MB05F MB1F MB2F MB4F MB6F MB8F MB10F UNIT
VRRM
50
100
200
400
600
800 1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800 1000
V
Maximum average forward output rectified
current at TA=30℃
-on glass-epoxy P.C.B(NOTE 1)
-on aluminum substrate(NOTE 2)
IFSM
A
VF
V
IR
μA
CJ
p F
(NOTE 1)
RθJA
(NOTE 2)
RθJA
(NOTE 1)
RθJL
TJ, TSTG
NOTE1
:On glass epoxy P.C.B. mounted on 0.05
×0.05″(1.3×1.3mm) pads
NOTE2
:On aluminum substrate P.C.B. with an area of 0.8″×0.8″(20
×20mm) mounted
on 0.05
×0.05″(1.3×1.3mm) solder pad
13
℃/ W
A
0.5
0.8
35
1
5.0
100
85
70
20
–55 to +150
Maximum DC blocking voltage
Operating junction and storage temperature range
Typical junction capacitance per leg at 4.0 V ,1MHz
Maximum instantaneous forwad voltage drop
per leg at 0.4A
Thermal resistance per leg
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
IF(AV)
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 ℃
TA = 125℃
Maximum RMS voltage
IF(AV)
0.5A , 0.8A
VRRM
IFSM
35 A
IR
5.0
μA
50-1000V
1.0V
Maximum repetitive peak reverse voltage
VF
Tj max.
150
°C
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM


同様の部品番号 - MB05F

メーカー部品番号データシート部品情報
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

同様の説明 - MB05F

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com