データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFC2000 データシート(PDF) 342 Page - List of Unclassifed Manufacturers

部品番号 MFC2000
部品情報  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 データシート(HTML) 342 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 338Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 340Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
17-20
Conexant
100723A
17.5.4.2 Reverse ECP Transfer Handshake
1.
The host requests a reverse channel transfer by setting INITn low.
2.
The peripheral signals that it is OK to proceed by setting PE low.
3.
The peripheral places data on the data lines and indicates a data cycle by setting BUSY high.
4.
The peripheral asserts ACKn low to indicate valid data.
5.
The host acknowledges by setting AUTOFDn high.
6.
The peripheral sets ACKn high to clock the data in to the host.
7.
The host sets AUTOFDn low to indicate that it is ready for the next byte.
8.
The cycle repeats, but this time it is a command cycle because ACKn is low.
INITn
PE
OPPID[7:0]
DATA
ACKn
AUTOFDn
BUSY
Figure 17-6. Reverse ECP Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More