| データシートサーチシステム |
|
MFC2000 データシート(PDF) 95 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 データシート(HTML) 95 Page - List of Unclassifed Manufacturers |
|
95 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 4-65 4.5.3 Brief Timing No matter which mode you use and which address you access, the DRAM access timing is lined up with the octal halfword boundary. SIUCLK RASn[0] CASEn[0] ARM ADDR or DMA ADDR SIUADDR EXTADDR ROW C O L COL COL COL R O W COL OCTAL BOUNDARY COL a a+2 a+4 NOTE: In this example, a =...01010, a+2=...01110, a+4=...10000 a a+1 a+2 a+3 a+4 a+5 DWRn DOEEn DATA Figure 4-18. 8-bit Memory Data Bus The timing diagram illustrates an 8-bit memory data bus, a burst of halfword transfers (3 halfwords) from the ARM7 or DMA, for ½ cycle CASn and PG = zero wait states (non-interleaved). It also illustrates the octal halfword boundary that will cause the SIU to terminate the burst and cause the DRAM Controller to regenerate the RASn precharge time. This interface speed can only be used at slow frequencies. SIUCLK RASn[1] CASOn[1:0] ARMADDR SIUADDR EXTADDR ROW C O L COL COL COL a a+4 a a+2 a+4 a+6 DWRn DATA DOEOn Figure 4-19. 16-bit Memory Data Bus |