| データシートサーチシステム |
|
MFC2000 データシート(PDF) 129 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 データシート(HTML) 129 Page - List of Unclassifed Manufacturers |
|
129 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 5-3 0 1 1 0 ext_pdsel_padn int_pwrdwn_sel sia_pwr_down1 sia_pwr_down2 pwrdwn_padn Figure 5-2. Power-down Select Logic 5.1.1 Battery Power Reset Battery Power Reset is generated when BATRSTn (as shown at lower left in Figure 5-1) is driven low, and initializes the MFC2000 when battery power is first applied, as well as forcing a Prime Power Reset if VDD is present. As long as battery power is maintained, there is no need to reactivate this reset. If the system design does not utilize the MFC2000's battery power features, this reset should be tied to PWRDWNn and be activated upon system power initialization. Battery backup system requirements are undefined when battery power is first applied. Consequently, BATRSTn disables the battery backup control for DRAM and disables SRAM by resetting the BackupConfig register, and inhibits CPU access to this register via the (internal) lockout signal. The disabling of battery backup controls tri- states the associated output control signals (i.e., CS[0]n for SRAM, and CASOn[1:0]n, CASEn[1:0], RASn[1:0], and DWRn for DRAM, as shown at lower right in Figure 5-1. Note: The proper off-state logic level for battery backed-up devices external to the MFC2000 must be maintained by external pull-up/pull-down resistors on the appropriate MFC2000 pins. BATRSTn has a Schmitt trigger input buffer to allow the use of an external RC circuit to generate a reset. 5.1.2 Prime Power Reset Prime Power Reset occurs when PWRDWNn (shown at upper left in Figure 5-1) is driven low while prime power is applied. There are two Prime Power Reset operating modes, one for VDD power on and one for VDD power off. |