データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT3171B データシート(PDF) 10 Page - Zarlink Semiconductor Inc

部品番号 MT3171B
部品情報  Wide Dynamic Range DTMF Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3171B データシート(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT3171B Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 9Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 10Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 11Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 12Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 13Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
10
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing
* Test Conditions
1. dBm refers to a reference power of 1 mW delivered into a 600 ohms load.
2. Data sequence consists of all DTMF digits.
3. Tone on = 40 ms, tone off = 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by
±1.5%± 2 Hz.
7. Bandwidth limited (0-3 kHz) Gaussian noise.
8. Precise dial tone frequencies are 350 Hz and 440 Hz (
± 2%).
9. Referenced to lowest level frequency component in DTMF signal.
10. Referenced to the minimum valid accept level.
11. Both tones must be within valid input signal range.
12. External guard time for MT3x70B = 20 ms.
13. Timing parameters are measured with 70pF load at SD output.
14. Time duration between PWDN pin changes from ‘1‘ to ‘0‘ and ESt/DStD becomes active.
15. Guaranteed by design and characterization. Not subject to production testing.
16. Value measured with an applied tone of 450 Hz.
18
Interdigit pause accept (DStD
logic output)
tID
40
ms
MT3x71B
19
Interdigit pause reject (DStD
logic output)
tDO
20
ms
MT3x71B
20
Data shift rate 40-60% duty cycle
fACK
1.0
3.0
MHz
13,15
21
Propagation delay
(ACK to Data Bit)
tPAD
100
140
ns
1MHz fACK,
13,15
22
Data hold time (ACK to SD)
tDH
30
50
ns
13,15
AC Electrical Characteristics - voltages are with respect to V
DD=5V±5%, VSS=0V and temperature -40 to +85°C unless otherwise
stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com